Part Number Hot Search : 
1206B PH955L C5914 24S15 KE220 SQ2222AF NSD10 MIW1114
Product Description
Full Text Search
 

To Download UTCM2950-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC M2950/2951
LINEAR INTEGRATED CIRCUIT
250 mA LOW-DROPOUT VOLTAGE REGULATOR
DESCRIPTION
The UTC M2950/2951 is a monolithic integrated voltage regulator with low dropout voltage, and low quiescent current. It includes many features that suitable for different applications. Available in 3-pin TO-92, DIP-8 and SOP-8 packages.
1
TO-92
SOP-8
FEATURES
*High accuracy 2.5, 3.0, 3.3, 3.6 or 5V fixed output for TO-92, SOP-8 package. *Extremely low quiescent current and dropout voltage. *Extremely tight load and line regulation. *Current and thermal limiting. *Very low temperature coefficient. *Logic controlled shutdown and error flag available for DIP and SOP package. *Output voltage programmable for DIP and SOP package.
DIP-8
APPLICATIONS
*Battery powered equipment. *High efficient linear regulator down to 1.24V. *Cellular phones.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R102-004,D
UTC M2950/2951
PIN CONFIGURATIONS
LINEAR INTEGRATED CIRCUIT
UTC M2950
1 2 3
OUTPUT GND
INPUT
TO-92 Plastic Package Bottom View
OUTPUT SENSE
1 2
8 7 6 5
INPUT FEEDBACK 5V TAP
SHUTDOWN 3
UTC M2951
GND
4
ERROR
SOP-8 OR DIP-8 PACKAGE FOR UTC M2951
OUTPUT NC
1 2
8 7 6 5
INPUT NC NC
SHUTDOWN 3
UTC M2950
GND
4
ERROR
SOP-8 OR DIP-8 PACKAGE FOR UTC M2950
Fig.1
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R102-004,D
UTC M2950/2951
BLOCK DIAGRAM
LINEAR INTEGRATED CIRCUIT
UNRAGULATED DC
FEEDBACK
7
INPUT
8
OUTPUT
1
5V 250mA MAX.
SENSE 182K ERROR AMPLIFIER 60mV 60K ERROR 1.23 REF ERROR DETECTION COMPARATOR
2
FROM CMOS OR TTL
SHUT DOWN
5V TAP
3
6
1.5 F
330K
5
TO CMOS OR TTL
GND
4
FOR UTC M2951
ABSOLUTE MAXIMUM RATINGS
PARAMETER
Supply Voltage Feedback Voltage Shutdown Voltage Comparator Output Voltage Storage Temperature Operating Junction Temperature
SYMBOL Vcc Vfeedback Vshutdown Vco Tstr Tj
VALUE -0.3~+18 -1.5~+18 -0.3~+18 -0.3~+18 -65~+150 -40~+125
UNIT V V V V C C
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R102-004,D
UTC M2950/2951
LINEAR INTEGRATED CIRCUIT
TYP. 2.5 3.0 3.3 3.6 5.0 2.5 3.0 3.3 3.6 5.0 2.5 3.0 3.3 3.6 5.0 MAX. 2.55 3.06 3.36 3.67 5.10 2.55 3.06 3.36 3.67 5.10 2.55 3.06 3.36 3.67 5.10 100 0.1 0.1 80 450 120 12 170 200 280 0.2 0.2 150 600 140 22 200 300 430 160 100
ELECTRICAL CHARACTERISTICS
(Tested at Tj=25C, VIN=6V, IL=100A and CL=1F, unless otherwise specified) PARAMETER PART NUMBER TEST CONDITION MIN. Output Voltage UTC M2950-2.5 TJ=25C 2.45 UTC M2950-3.0 2.94 UTC M2950-3.3 3.23 UTC M2950-3.6 3.53 UTC M2950-5.0 4.90 UTC M2951 (note 1) UTC M2950-2.5 -25C<=TJ<=<=+85C 2.45 UTC M2950-3.0 2.94 UTC M2950-3.3 3.23 UTC M2950-3.6 3.53 UTC M2950-5.0 4.90 UTC M2951 (note 1) Output Voltage UTC M2950-2.5 100A<=IL<=250 mA 2.45 UTC M2950-3.0 Tj<=Tj(max) 2.94 UTC M2950-3.3 3.23 UTC M2950-3.6 3.53 UTC M2950-5.0 4.90 UTC M2951 (note 1) Output Voltage 20 Temperature Coefficient Line Regulation 6V<=VIN<=18V 0.03 Load Regulation 100A<=IL<=250 mA 0.04 Dropout Voltage IL=100A 50 IL=250mA (note 2) 380 Ground Current IL=100A 75 IL=250mA 8 Dropout Ground Current VIN=4.5V,IL=100A 110 Current Limit Vout=0 160 Output Noise 10Hz to CL=1F 260 100KHz CL=200F CL=3.3F (Bypass=0.01F pins 7 to (UTC M2951))
UNIT
V
V
V
ppm/C % % mV A mA A mA V
For M2951 8-Pin version only
Reference Voltage Reference Voltage Feedback pin Bias Current Reference Voltage Temperature Coefficient Feedback Bias Current temperature Coefficient 1.22 1.19 1.235 20 50 0.1 1.25 1.27 40 V V nA ppm/C nA/C
(Note 4)
Error Comparator
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R102-004,D
UTC M2950/2951
PARAMETER
Output Leakage Current Output Low Voltage
LINEAR INTEGRATED CIRCUIT
TEST CONDITION
VOH=18V VIN=4.5V IOL=400A (Note 3) (Note 3) (Note 3) 15 3.2 7.6 MIN. TYP. MAX. 1 250
PART NUMBER
UNIT
A mV
Upper Threshold Voltage Lower Threshold Voltage Hysteresis
%VO %VO mV
Shutdown Input
Input Logic Voltage Low(Regulator ON) High(Regulator OFF) Vshutdown=2.4V Vshutdown=18V Vshutdown>=2V,VIN<=18V, Vout=0, Feedback pin tied to 5V Tap. 2.0 30 450 3 50 600 10 A A A 1.3 0.70 V
Shutdown Pin Input Current Regulator Output Current Shutdown
Note 1: Additional conditions for 8-pin versions are feedback tied to 5V Tap an Output tied to Output Sense (Vout=5V) and Vshutdown<=0.8V. Note 2:Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential. Note 3:Comparator thresholds are expressed in terms of percentage value of voltage output. Note 4:VrefVout(Vin-1V), 2.3VVin30V, 100AIL250mA, TJTJMAX
UTC
UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R102-004,D
UTC M2950/2951
CURRENT L IM IT S E C T IO N
LINEAR INTEGRATED CIRCUIT
APPLICATION CIRCUIT (10 Ampere Low Dropout Regulator)
+V
IN
=V
ou
t+ 0 .5 V
680
0 .0 5
2N3906
470
UTC D65H0
4 .7 M
8 +V
IN
ERROR
5
10k
+V
OUT
250m
A
UTC M 2951
3 20k 0 .0 3 3 F 220 SD FB GND 4 7
R1 1% R2 47 4 .7 F
100F
Vout
1
V o u t= 1 .2 3 V * ( 1 + R 1 /R 2 )
For 5V
o u tp u t u s e in te r n a l r e s is to r s .W ir e p in 6 to 7 a n d w ir e p in 2 to + V o u t
Fig.2
Vin
UTC UTC UTC UTC UTC
M2950-2.5 M2950-3.0 M2950-3.3 M2950-3.6 M2950-5.0
Vout
Fig.3
UTC
UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R102-004,D
UTC M2950/2951
Fig.4 Dropout Characteristics
LINEAR INTEGRATED CIRCUIT
Fig.5 Input Current
300 290 280 270 260 250 240 230 220 210 200 190 180 170 160 150 0 600
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 6 Dropout Voltage
6
4 3 2 1 0
RL=50k RL=20
DROPOUT VOLTAGE(mV)
5
INPUT CURRENT(mA)
OUTPUT VOLTAGE(V)
RL=20
500 400 300
IL=250mA
IL=100A
100 50 0 -75 -50 -25 0 25 50 75 100 125 150
0
1
INPUT VOLTAGE(V)
2
3
4
5
6
1
2
INPUT VOLTAGE(V)
3
4
5
6
7
8
9 10 11
12
TEMPERATURE(C)
Fig. 7 Ground Pin Current
10 120
Fig. 8 Ground Pin Current
Shutdown Threshold Voltage(V)
75 100 125 150
Fig. 9 Shutdown Threshold Voltage
1.8 1.6 1.4 1.2 1.0 0.8 0.6
-75 -50 -25 0 25 50 75 100 125 150
QUIESCENT CURRENT(mA)
110
QUIESCENT CURRENT()
9
100 90 80 70 60 50 -75 -50 -25 0 25 50 75 100 125 150
VIN=6V IL=100A
8
V IN=6V IL=250mA
7
6 -75 -50 -25 0 25 50
TEMPERATURE(C)
TEMPERATURE(C)
TEMPERATURE(C)
Fig. 10 Short Circuit Current
SHORT CIRCUIT CURRENT(mA)
500 300 290 280 270 260 250 240 230 -75 -50 -25 0 25 50 75 100 125 150 400
Fig. 11 Dropout Voltage
Dropout Voltage(mV)
300
200
100
0 100 150 200 250
TEMPERATURE(C)
OUTPUT CURRENT(mA)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R102-004,D


▲Up To Search▲   

 
Price & Availability of UTCM2950-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X